PART |
Description |
Maker |
28C011TRT1FS 28C011TRPFS 28C011TRPFS-20 28C011TRPF |
1 Megabit (128K x 8-Bit) EEPROM 1兆位128K的8位)的EEPROM 1 Megabit (128K x 8-Bit) EEPROM 1兆位28K的8位)的EEPROM 1 Megabit (128K x 8-Bit) EEPROM 128K X 8 EEPROM 5V, 200 ns, DFP32 1 Megabit (128K x 8-Bit) EEPROM 128K X 8 EEPROM 5V, 120 ns, DFP32 CONNECTOR ACCESSORY POT 100K OHM THUMBWHEEL CERM ST
|
http:// NXP Semiconductors N.V. Maxwell Technologies, Inc
|
S29CD016G0JQFA212 S29CD032G0MFAA102 S29CD016G0MQAI |
32 Megabit (1M x 32-Bit), 16 Megabit (512K x 32-Bit) 2.5 Volt-only Burst Mode, Dual Boot, Simultaneous Read/ Write Flash Memory with VersatileI/O
|
SPANSION
|
AM29LV128LH103EI AM29LV128LH103FI AM29LV128LH103PC |
128 Megabit (8 M x 16-Bit/16 M x 8-Bit) MirrorBit 3.0 Volt-only Uniform Sector Flash Memory with VersatileI/O Control 128 Megabit (8 M x 16-bit/16 M x 8-bit), 3.0 Volt-only uniform sector flash memory, 100ns 128 Megabit (8 M x 16-bit/16 M x 8-bit), 3.0 Volt-only uniform sector flash memory, 110ns 128 Megabit (8 M x 16-bit/16 M x 8-bit), 3.0 Volt-only uniform sector flash memory, 120ns 128 Megabit (8 M x 16-bit/16 M x 8-bit), 3.0 Volt-only uniform sector flash memory, 90ns
|
Advanced Micro Devices
|
AM49DL322BGT85T AM49DL322BGT85S AM49DL323BGB70T AM |
Stacked Multi-Chip Package (MCP) Flash Memory and SRAM 32 Megabit (4 M x 8-Bit/2 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous 堆叠式多芯片封装MCP)闪存和SRAM32兆位M × 8 2米x 16位)3.0伏的CMOS只,同时 32 Megabit (4 M x 8-Bit/2 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory and 32 Mbit (2M x 16-Bit) SPECIALTY MEMORY CIRCUIT, PBGA73
|
Spansion Inc. Advanced Micro Devices, Inc.
|
AM29F200A-1 AM29F200AB-120DGC AM29F200AB-120DGC1 A |
2 Megabit (256 K x 8-Bit/128 K x 16-Bit) CMOS 5.0 Volt-only, Sectored Flash MemoryDie Revision 1 PCB COPPER CLAD 6X9 1/32 2-SIDE DIN Audio Connector; Number of Contacts:5; Contact Termination:Solder; Mounting Type:Panel; Gender:Receptacle; Contact Plating:Silver; Series:C091A 2 Megabit (256 K x 8-Bit/128 K x 16-Bit) CMOS 5.0 Volt-only, Sectored Flash Memory-Die Revision 1 256K X 8 FLASH 5V PROM, 90 ns, UUC42 2 Megabit (256 K x 8-Bit/128 K x 16-Bit) CMOS 5.0 Volt-only, Sectored Flash Memory-Die Revision 1 2兆位256亩x 8-Bit/128亩x 16位).0伏的CMOS只,扇区闪存模修 M39012 MIL RF CONNECTOR 2兆位56亩x 8-Bit/128亩x 16位).0伏的CMOS只,扇区闪存模修 2 Megabit (256 K x 8-Bit/128 K x 16-Bit) CMOS 5.0 Volt-only, Sectored Flash Memory-Die Revision 1 2兆位56亩x 8-Bit/128亩x 16位).0伏的CMOS只,扇区闪存模修
|
AMD[Advanced Micro Devices] Advanced Micro Devices, Inc. ADVANCED MICRO DEVICES INC
|
AM29LV800B-100 AM29LV800B-120 AM29LV800B-150 AM29L |
8 Megabit (1048576 x 8-Bit/524288 x 16-Bit) CMOS 3.0 Volt-only Sectored Flash Memory 8 Megabit (1,048,576 x 8-Bit/524,288 x 16-Bit) CMOS 3.0 Volt-only, Sectored Flash Memory
|
AMD[Advanced Micro Devices]
|
AM29F400AB AM29F400AB-120EC AM29F400AB-120ECB AM29 |
4 Megabit (524288 x 8-Bit/262144 x 16-Bit) CMOS 5.0 Volt-only Sector Erase Flash Memory 4 Megabit (524,288 x 8-Bit/262,144 x 16-Bit) CMOS 5.0 Volt-only, Sector Erase Flash Memory
|
AMD[Advanced Micro Devices]
|
AM41DL32X4GB70IS AM41DL32X4GB70IT AM41DL32X4GB85IS |
32 Megabit (4 M x 8-Bit/2 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory and 4 Mbit (512 K x 8-Bit/256 K x 16-Bit) Static RAM
|
AMD[Advanced Micro Devices] SPANSION
|
AM45DL6408G |
64 Mbit (8 M x 8-Bit/4 M x 16-Bit) CMOS and 8 Megabit (1 M x 8-Bit/512 K x 16-Bit) (Preliminary) From old datasheet system
|
AMD Inc
|
AM29F400BB-55FEB AM29F400BB-55FIB AM29F400BT-55FCB |
4 Megabit (512 K x 8-Bit/256 K x 16-Bit) CMOS 5.0 Volt-only Boot Sector Flash Memory 256K X 16 FLASH 5V PROM, 70 ns, PDSO48 4 Megabit (512 K x 8-Bit/256 K x 16-Bit) CMOS 5.0 Volt-only Boot Sector Flash Memory 4兆位12亩x 8-Bit/256亩x 16位).0伏的CMOS只引导扇区闪
|
Advanced Micro Devices, Inc. http://
|